Part Number Hot Search : 
7001C L7805 PIP120 7496L E4282 C6005 D6467 ATM128
Product Description
Full Text Search
 

To Download 2SA1645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1645
DESCRIPTION *With TO-220 package *Fast switching speed *Low collector saturation voltage APPLICATIONS *For use in switching power supplies,DC-DC converters,motor drivers,solenoid drivers, and other low-voltage power supply devices, as well as for high current switching
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PT Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 35 150 -55~150 PW0300s, duty cycle010% CONDITIONS Open emitter Open base Open collector VALUE -150 -100 -7 -7 -14 -3.5 1.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Collector capacitance CONDITIONS IC=-4A; IB=-0.2A IC=-6A; IB=-0.3A IC=-4A; IB=-0.2A IC=-6A; IB=-0.3A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-2V IC=-1.5A ; VCE=-2V IC=-4A ; VCE=-2V IC=-1.5A ; VCE=-10V IE=-0 ; VCB=-10V;f=1MHz 100 100 60 MIN SYMBOL VCEsat-1 VCEsat -2 VBE sat -1 VBE sat -2 ICBO IEBO hFE-1 hFE-2 hFE-3 fT COB
2SA1645
TYP.
MAX -0.3 -0.5 -1.2 -1.5 -10 -10
UNIT V V V V A A
400
150 150
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-4A; IB1=-IB2=-0.2A RL=12.5@; VCC=-50V 0.3 1.5 0.4 s s s
hFE-2 Classifications M 100-200 L 150-300 K 200-400
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1645
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X